PART |
Description |
Maker |
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
ISL62391CHRTZ ISL62391CIRTZ ISL62392CIRTZ ISL62391 |
High-Efficiency, Triple-Output System Power Supply Controller DUAL SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil Corporation AVX, Corp.
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
5DL2C41A |
Switching Power Supply Application High Efficiency Diode(用于开关型电源的高效二极管) HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
CAT1232LPZ-GT3 CAT1232LPL-G CAT1832 CAT1832L-G CAT |
Supervisor, 5.0 V 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
|
ON Semiconductor
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX1901-MAX1904 MAX1904ETJ MAX1901ETJ MAX1902 MAX1 |
3 POSITION RIGHT ANGLE DIP SWITCH 500kHz的多路输出,低噪声电源用于笔记本电脑控制 500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers 0.2 A DUAL SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, QCC32
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC3832-1ES8 LTC3832-1ES8TRPBF |
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
EDI8L32128V12AC EDI8L32128V12AI EDI8L32128V15AC ED |
12ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM 15ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM 20ns; 3.3V power supply; 128K x 32 CMOS high speed static RAM
|
White Electronic Designs
|
ZM33164-3 ZM331643C ZM331643G ZM331643N8 ZM33164-3 |
IC-SM-SUPPLY MONITOR SOT223 集成电路钐电源监视器的SOT223 SUPPLY VOLTAGE MONITOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 IC-SUPPLY MONITOR 集成电路电源监视 SUPPLY VOLTAGE MONITOR 电源电压监视 IC-SM-SUPPLY MONITOR 集成电路钐电源监视器
|
Zetex Semiconductor PLC Zetex Semiconductors
|
G400SD |
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.5A The G400SD is high frequency rectification for switching power supply The G400SD is high frequency rectification for switching power supply
|
GTM CORPORATION E-Tech Electronics LTD
|